PART |
Description |
Maker |
DFE201208S-1R0M |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201610P-R33M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201208S-1R0M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
DFE201610E-2R2M-18 |
nullRated current (Isat) is specified when the decrease of the initial inductance value at 30%.
|
Murata Manufacturing Co...
|
C62122-A132-B91 B84111-A-A10 B84111-A-A110 B84111- |
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
|
EPCOS[EPCOS]
|
C62122-A132-B95 B84115-E-A110 B84115-E-A30 B84115- |
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS AG EPCOS[EPCOS]
|
B84113-C-L60 B84113-C-A110 B84113-C-A30 B84113-C-A |
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS[EPCOS]
|
B84110-A-A60 B84110-A B84110-A-A10 B84110-A-A20 B8 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
|
EPCOS[EPCOS]
|
B84102-K50 B84102-K B84102-K160 B84102-K30 B84102- |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
|
EPCOS[EPCOS]
|
B82478-A1684-M B82478-A1103-M B82478-A1103-M_1 B82 |
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
|
EPCOS[EPCOS]
|